Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # B82471
Description  Rated inductance 10 uH .. 220 uH
File Size   930.25 Kbytes
Html View  1   2   3 
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B82471 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - B82471

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
B82471A1103M000 EPCOS-B82471A1103M000 Datasheet
173Kb / 7P
SMT power inductors
B82471A1103M000 EPCOS-B82471A1103M000 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
B82471A1104K000 EPCOS-B82471A1104K000 Datasheet
173Kb / 7P
SMT power inductors
More results


Similar Description - B82471

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478 EPCOS-B82478 Datasheet
308Kb / 3P
SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)
logo
Kemet Corporation
L0805C100MDWIT KEMET-L0805C100MDWIT Datasheet
51Kb / 1P
Power, L-DWI, 10 uH, 20%
SU9VD-07010 KEMET-SU9VD-07010 Datasheet
79Kb / 1P
Commercial Grade, SU-9VD, 10 uH
L0603B100KPWFT KEMET-L0603B100KPWFT Datasheet
54Kb / 1P
KEMET, L-PWF, Power, 10 uH, 10%
SBCP-47HY221B KEMET-SBCP-47HY221B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 220 uH, 10%, 2.5mm
SBCP-80HY221H KEMET-SBCP-80HY221H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 220 uH, 10%, 5mm
SBCP-87HY221H KEMET-SBCP-87HY221H Datasheet
67Kb / 1P
KEMET, SBCP-87HY, Power, 220 uH, 10%, 5mm
SBCP-11HY221H KEMET-SBCP-11HY221H Datasheet
66Kb / 1P
KEMET, SBCP-11HY, Power, 220 uH, 10%, 5mm
SBC3-221-681 KEMET-SBC3-221-681 Datasheet
77Kb / 1P
KEMET, SBC3, Power, 220 uH, 10%, 5mm
SBC9-221-821 KEMET-SBC9-221-821 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 220 uH, 10%, 8.5mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com