Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2110RPPR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # TAS2110RPPR
Description  TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
File Size   1277.1 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2110RPPR Datasheet (PDF) - Texas Instruments



Similar Part No. - TAS2110RPPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2120 TI-TAS2120 Datasheet
1Mb / 63P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
AUGUST 2024
TAS2120 TI2-TAS2120 Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
TAS2120RBGR TI2-TAS2120RBGR Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
logo
TDK Electronics
TAS2140 TDK-TAS2140 Datasheet
222Kb / 7P
sensors
TAS2141 TDK-TAS2141 Datasheet
222Kb / 7P
sensors
More results


Similar Description - TAS2110RPPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Analog Devices
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
31 W, Filterless, Class-D Digital Input Audio Amplifier
REV. 0
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
logo
Analog Devices
SSM4567 AD-SSM4567 Datasheet
968Kb / 52P
Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
SSM2519 AD-SSM2519 Datasheet
1Mb / 28P
Digital Input 2 W Class-D Audio Power Amplifier
7/12-Revision 0
logo
Texas Instruments
TAS2563 TI1-TAS2563 Datasheet
3Mb / 99P
6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
TAS2563 TI-TAS2563_V01 Datasheet
5Mb / 127P
TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com