Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC50001T Datasheet (PDF) - NXP Semiconductors

Part # MFRC50001T
Description  The Original MIFARE reader solution
File Size   599.97 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC50001T Datasheet (PDF) - NXP Semiconductors



Similar Part No. - MFRC50001T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
Highly Integrated ISO 14443A Reader IC
January 2002
More results


Similar Description - MFRC50001T

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
The original high power LED
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
The original high-power LED
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
MIFARE Plus EV1
Rev.3.2-6 December2018
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com