Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BISR250RK Datasheet (PDF) - Hubbell Incorporated.

Part # BISR250RK
Description  Clear Insulated Multi Tap Connector, UNITAP,Wire range:#10-250.
File Size   265.01 Kbytes
Html View  1   2 
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BISR250RK Datasheet (PDF) - Hubbell Incorporated.



Similar Part No. - BISR250RK

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BISR250 HUBBELL-BISR250 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-250 kcmil.
BISR250DB HUBBELL-BISR250DB Datasheet
268Kb / 2P
In-Line Splice/Reducer, 2 Port, 4/0 AWG-250 kcmil, Al/Cu Rated.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
BISR250FX HUBBELL-BISR250FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #6-500 Class B & C, #6-373 ClassG,H,I,K, DLO, Aluminum.
More results


Similar Description - BISR250RK

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PCSB250-2-6Y PANDUIT-PCSB250-2-6Y Datasheet
204Kb / 1P
MULTI-TAP INSULATED CONNECTORS
logo
Hubbell Incorporated.
BIBD44RK HUBBELL-BIBD44RK Datasheet
287Kb / 2P
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-4 AWG.
BIBD2502 HUBBELL-BIBD2502 Datasheet
264Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 2 Port, 2 Sided Entry, 10 AWG-250 kcmil, Al/Cu Rated.
BIBD2503RK HUBBELL-BIBD2503RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-250 kcmil.
BIBD25010 HUBBELL-BIBD25010 Datasheet
261Kb / 2P
Aluminum Multiple Tap Connector, Clear Insulated, 10 Port, 2 Sided Entry, 10 Awg-250 Kcmil, Al/Cu Rated
BIBS2503RK HUBBELL-BIBS2503RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:10 AWG-250 kcmil, Length: 2.97 IN L.
BISR1DBRK HUBBELL-BISR1DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:#2 AWG-#1 AWG,Torque:130inlbs.
BISR4DBRK HUBBELL-BISR4DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:#6 AWG-#4 AWG,Torque:50inlbs.
BISR30DBRK HUBBELL-BISR30DBRK Datasheet
267Kb / 2P
Multi Tap Connector, UNITAP,Wire Range:1/0 -3/0 AWG,Torque:220inlbs.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com