Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR1000 Datasheet (PDF) - Analog Devices

Part # ADAR1000
Description  8 GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
File Size   1707.17 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR1000 Datasheet (PDF) - Analog Devices



Similar Part No. - ADAR1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR1000 AD-ADAR1000 Datasheet
4Mb / 79P
GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
Rev. B
ADAR1000ACCZN AD-ADAR1000ACCZN Datasheet
4Mb / 79P
GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
Rev. B
ADAR1000ACCZN-R7 AD-ADAR1000ACCZN-R7 Datasheet
4Mb / 79P
GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
Rev. B
ADAR1000 AD-ADAR1000_V01 Datasheet
4Mb / 79P
GHz to 16 GHz, 4-Channel, X Band and Ku Band Beamformer
Rev. B
More results


Similar Description - ADAR1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0034 MACOM-MAAPGM0034 Datasheet
838Kb / 6P
0.5W X/Ku-Band Power Amplifier 8.0-12.0 GHz
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAPGM0016-DIE MACOM-MAAPGM0016-DIE Datasheet
266Kb / 5P
5W Ku-Band Power Amplifier 12.0-15.0 GHz
MAAPGM0034-DIE MACOM-MAAPGM0034-DIE Datasheet
271Kb / 6P
0.5W X/Ku-Band Power Amplifier 8.0-12.5 GHz
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
MAAPGM0042-DIE MACOM-MAAPGM0042-DIE Datasheet
424Kb / 6P
1.2W X/Ku-Band Power Amplifier 11.5-16.0 GHz
logo
Qorvo, Inc
QPB1316 QORVO-QPB1316 Datasheet
603Kb / 10P
13.4 ??15.5 GHz Ku-Band GaN SSPA
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
logo
Guerrilla RF, Inc.
GRF2710 GUERRILLA-GRF2710 Datasheet
1Mb / 17P
HIGH GAIN, X-Band LNA 8 to 12 GHz
April 4, 2023
logo
Analog Devices
ADMV4680 AD-ADMV4680 Datasheet
136Kb / 2P
10.7 GHz to 14.5 GHz, 4-Channel Half-Duplex Beamformer
Rev. Sp0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com