Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1BS Datasheet (PDF) - Fox Electronics

Part # C1BS
Description  2.0x1.6mm Ceramic SMD Crystal
File Size   272.4 Kbytes
Html View  1   2 
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C1BS Datasheet (PDF) - Fox Electronics



Similar Part No. - C1BS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C1BA FOX-C1BA Datasheet
268Kb / 2P
2.0 x 1.6mm Auto Grade Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
logo
CW Industries
C1BXS-1036M CWIND-C1BXS-1036M Datasheet
566Kb / 1P
CONNECTOR
More results


Similar Description - C1BS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
logo
Fox Electronics
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F140 FOX-F140 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
logo
Suzhou HangJing Electro...
XC21M4 HANGJING-XC21M4 Datasheet
319Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 2.0X1.6MM CERAMIC SEAM SEAL PACKAGE.
logo
Yuechung International ...
O-S21 YIC-O-S21 Datasheet
279Kb / 1P
O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com