Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2HA Datasheet (PDF) - Fox Electronics

Part # O2HA
Description  2.5x2.0mm Auto Grade Oscillator
File Size   295.69 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O2HA Datasheet (PDF) - Fox Electronics



Similar Part No. - O2HA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
More results


Similar Description - O2HA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
logo
Fox Electronics
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
logo
Abracon Corporation
AWSCR-48.00CW-T ABRACON-AWSCR-48.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
logo
Fox Electronics
O1HA FOX-O1HA Datasheet
267Kb / 6P
2.0x1.6mm Auto Grade Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
O3HA FOX-O3HA Datasheet
309Kb / 6P
3.2x2.5mm Auto Grade Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0273A TAI-SAW-TW0273A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 60MHz Crystal Oscillator
REV. NO: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com