Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2HA Datasheet(PDF) 1 Page - Fox Electronics

Part # O2HA
Description  2.5x2.0mm Auto Grade Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O2HA Datasheet(HTML) 1 Page - Fox Electronics

  O2HA Datasheet HTML 1Page - Fox Electronics O2HA Datasheet HTML 2Page - Fox Electronics O2HA Datasheet HTML 3Page - Fox Electronics O2HA Datasheet HTML 4Page - Fox Electronics O2HA Datasheet HTML 5Page - Fox Electronics O2HA Datasheet HTML 6Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.5x2.0mm Auto Grade Oscillator
O2HA
(Former FA200 Series)
DATASHEET
7/29/2020 Updated termination finish and MSL info.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O2HA SERIES STANDARD SPECIFICATIONS
Drawing Number: O2HA-DOC-1
Revision: C
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 07/29/2020
Page 1 of 6
AEC Q200 Qualified
IATF-16949 QMS
Stabilities to ±25 PPM
Temperature Ranges as wide as -40ºC to +125ºC
Supply Voltages: 1.8V; 2.5V; 3.3V; 1.7V~3.63V
1.8V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1.250 ~ 60.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +150°C
Supply Voltage
(VDD)
1.8V±5%
Input Current
(IDD)
1.250 ~ <10.000 MHz
10.000 ~ <32.000 MHz
32.000 ~ 60.000 MHz
3 mA
5 mA
10 mA
Standby Current
TOPR= -40 ~ +85°C
TOPR= -40 ~ +105°C / -40 ~ +125°C
10 µA
20 µA
Output Symmetry (50% VDD)
45% ~ 55%
Rise Time (10%~90% VDD)
5 nS
Fall Time (90%~10% VDD)
5 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
200 nS
Output Enable Time 1
10 mS
Aging (per year @ 25C)
±5 PPM
Available Options by Stability & Operating Temp for 1.8V2
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-40 ~ +85
1.250 ~ 60.000
±100PPM2
-40 ~ +105
1.250 ~ 60.000
±100PPM2
-40 ~ +125
1.250 ~ 60.000
±50PPM2
-40 ~ +85
1.250 ~ 60.000
±50PPM2
-40 ~ +105
1.250 ~ 60.000
±50PPM3
-40 ~ +125
1.250 ~ 60.000
±25PPM3
-40 ~ +85
1.250 ~ 60.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25C tolerance and operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN
1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - O2HA

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
More results

Similar Description - O2HA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
logo
Fox Electronics
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
logo
Abracon Corporation
AWSCR-48.00CW-T ABRACON-AWSCR-48.00CW-T Datasheet
1Mb / 3P
2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
logo
Fox Electronics
O1HA FOX-O1HA Datasheet
267Kb / 6P
2.0x1.6mm Auto Grade Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
O3HA FOX-O3HA Datasheet
309Kb / 6P
3.2x2.5mm Auto Grade Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0273A TAI-SAW-TW0273A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 60MHz Crystal Oscillator
REV. NO: 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com