Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2923 Datasheet (PDF) - Renesas Technology Corp

Part # F2923
Description  Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
File Size   3673.04 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2923 Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - F2923

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2923NCGI IDT-F2923NCGI Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
More results


Similar Description - F2923

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 300 MHz
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2910 IDT-F2910 Datasheet
2Mb / 19P
Constant Impedance SPST RF Switch
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2910 RENESAS-F2910_V01 Datasheet
1Mb / 19P
Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
August 31, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com