Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H80F2 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # P2H80F2
Description  FRD MODULE 80A/200V
File Size   155.95 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

P2H80F2 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - P2H80F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
P2H80F2 KSS-P2H80F2 Datasheet
425Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
P2H80F2 NI-P2H80F2_15 Datasheet
208Kb / 2P
80A Avg 200 Volts
More results


Similar Description - P2H80F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F2 NIEC-PH270F2 Datasheet
30Kb / 2P
FRD MODULE 270A/200V/trr:150nsec
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
10DRA20 NIEC-10DRA20 Datasheet
58Kb / 5P
FRD - 1A 200V 60ns
10ERB20 NIEC-10ERB20 Datasheet
70Kb / 5P
FRD - 1A 200V 60ns
15KRA20 NIEC-15KRA20 Datasheet
64Kb / 5P
FRD - 1.5A 200V 90ns
P2H30F2 NIEC-P2H30F2 Datasheet
155Kb / 3P
FRD MODULE 30A/200V
P2H60F2 NIEC-P2H60F2 Datasheet
155Kb / 3P
FRD MODULE 60A/200V
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
logo
MagnaChip Semiconductor...
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com