Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE308N Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PE308N
Description  DIODE MODULE 30A/800V
File Size   156.47 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PE308N Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PE308N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE308N NIEC-PE308N Datasheet
150Kb / 2P
30A Avg 800 Volts
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
logo
National Instruments Co...
PE308N NI-PE308N_15 Datasheet
150Kb / 2P
DIODE
More results


Similar Description - PE308N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S30VT80 SHINDENGEN-S30VT80 Datasheet
274Kb / 5P
3 Phase Bridge Diode(800V 30A)
S30VTA80 SHINDENGEN-S30VTA80 Datasheet
275Kb / 5P
3 Phase Bridge Diode(800V 30A)
logo
Nihon Inter Electronics...
PT308 NIEC-PT308 Datasheet
135Kb / 3P
DIODE MODULE 30A/800V/1000V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PCH308 NIEC-PCH308 Datasheet
248Kb / 5P
THYRISTOR MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT368 NIEC-PT368 Datasheet
116Kb / 3P
DIODE MODULE 30A/800V/1000V
PC30F8 NIEC-PC30F8 Datasheet
32Kb / 2P
FRD MODULE 30A/800V/trr:60nsec
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com