Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH1504 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PH1504
Description  DIODE MODULE 150A/300 to 800V
File Size   195.57 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PH1504 Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PH1504

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH1504 NIEC-PH1504 Datasheet
165Kb / 2P
150A Avg 300~800 Volts
More results


Similar Description - PH1504

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PC2503 NIEC-PC2503 Datasheet
203Kb / 3P
DIODE MODULE 250A/300 to 800V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PD1518 NIEC-PD1518 Datasheet
172Kb / 6P
DIODE MODULE - 150A/800V
PDT1518 NIEC-PDT1518 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 800V
PH2503 NIEC-PH2503 Datasheet
187Kb / 3P
DIODE MODULE 250A/300 to 800V
PT150S8 NIEC-PT150S8 Datasheet
126Kb / 3P
DIODE MODULE 150A/800V
PT151S8 NIEC-PT151S8 Datasheet
50Kb / 5P
DIODE MODULE 150A/800V
logo
Taiwan Semiconductor Co...
2RI150E TSC-2RI150E Datasheet
158Kb / 2P
POWER DIODE MODULE 600V,800V / 150A 2 in one-package
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com