Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB120 Datasheet (PDF) - First Silicon Co., Ltd

Part # SB120
Description  REVERSE VOLTGE 20V~100V, FORWARD CURRENT 1.0AMP Schottky Barrier Rectifiers
File Size   428.91 Kbytes
Html View  1   2 
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SB120 Datasheet (PDF) - First Silicon Co., Ltd



Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
1N4001 FS-1N4001 Datasheet
621Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N4001S FS-1N4001S Datasheet
597Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
FR101 FS-FR101 Datasheet
463Kb / 3P
FAST RECOVERY RECTIFIER REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP
GN1A FS-GN1A Datasheet
212Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
S1A FS-S1A Datasheet
364Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
SS12 FS-SS12 Datasheet
324Kb / 2P
REVERSE VOLTGE 20V~200V FORWARD CURRENT 1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Leshan Radio Company
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com