Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7A-SERIES Datasheet (PDF) - TXC Corporation.

Part # 7A-SERIES
Description  2 pads SMD glass sealed crystal units.
File Size   984.35 Kbytes
Html View  1 
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

7A-SERIES Datasheet (PDF) - TXC Corporation.



Similar Part No. - 7A-SERIES

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
7A-SERIES TXC-7A-SERIES Datasheet
535Kb / 1P
5 x 3.2 mm SMD GLASS CRYSTAL 7A SERIES
7A-SERIES TXC-7A-SERIES_V01 Datasheet
535Kb / 1P
5 x 3.2 mm SMD GLASS CRYSTAL 7A SERIES
More results


Similar Description - 7A-SERIES

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM042 TEMEX-QESM042 Datasheet
689Kb / 4P
SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
logo
Abracon Corporation
ABH3 ABRACON-ABH3 Datasheet
876Kb / 2P
INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL
02.15.10
ABH3B ABRACON-ABH3B Datasheet
1Mb / 2P
INDUSTRIAL GRADE GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
TXC Corporation.
7R-SERIES TXC-7R-SERIES Datasheet
971Kb / 1P
4 pads SMD glass sealed Crystal.
7S-SERIES TXC-7S-SERIES Datasheet
978Kb / 1P
4 pads SMD glass sealed Crystal.
7V-SERIES TXC-7V-SERIES Datasheet
1,001Kb / 1P
4 pads SMD glass sealed crystal.
AA-SERIES TXC-AA-SERIES Datasheet
971Kb / 1P
Compact glass sealed SMD crystal units.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com