Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC951A Datasheet (PDF) - Analog Devices

Part # HMC951A
Description  5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
File Size   645.83 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC951A Datasheet (PDF) - Analog Devices



Similar Part No. - HMC951A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
logo
Hittite Microwave Corpo...
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E_11 Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
More results


Similar Description - HMC951A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E_11 Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC977 AD-HMC977 Datasheet
797Kb / 20P
GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
11/2019-v02.0815 to Rev. D
HMC6505A AD-HMC6505A Datasheet
755Kb / 30P
5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter
8/2017-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com