Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RQ7G080AT Datasheet (PDF) - Rohm

Part # RQ7G080AT
Description  Pch -40V -8A Small Signal Power MOSFET
File Size   2640.83 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ7G080AT Datasheet (PDF) - Rohm



Similar Part No. - RQ7G080AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ7G080BG ROHM-RQ7G080BG Datasheet
2Mb / 14P
Nch 40V 8.0A Power MOSFET
20211118 - Rev.003
More results


Similar Description - RQ7G080AT

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ7E100AT ROHM-RQ7E100AT Datasheet
2Mb / 15P
Pch -30V -10A Small Signal Power MOSFET
QS8J4HZG ROHM-QS8J4HZG Datasheet
2Mb / 15P
-30V Pch Pch Small Signal MOSFET
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
-40V PchPch Small Signal MOSFET
QH8JC5 ROHM-QH8JC5 Datasheet
2Mb / 14P
-60V PchPch Small Signal MOSFET
SH8JB5 ROHM-SH8JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
QH8MB5 ROHM-QH8MB5 Datasheet
4Mb / 22P
40V NchPch Small Signal MOSFET
UT6JB5 ROHM-UT6JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
RQ7L050AT ROHM-RQ7L050AT Datasheet
2Mb / 14P
Pch -60V -5A Small Signal Power MOSFET
US6J12 ROHM-US6J12 Datasheet
1Mb / 14P
 -12V PchPch Small Signal MOSFET
20190527 - Rev.002
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
-20V PchPch Small Signal MOSFET
20170706 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com