Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFXF0008H Datasheet (PDF) - Qorvo, Inc

Part # RFXF0008H
Description  1:2.78 SMT Transformer 45MHz to 1218MHz
File Size   522.84 Kbytes
Html View  1   2   3   4   5 
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFXF0008H Datasheet (PDF) - Qorvo, Inc



Similar Part No. - RFXF0008H

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFXF0008 QORVO-RFXF0008 Datasheet
681Kb / 8P
45-1218 MHz GaAs/GaN Power Doubler Module
More results


Similar Description - RFXF0008H

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPC7336 TRIQUINT-QPC7336 Datasheet
851Kb / 11P
45MHz to 1218MHz Variable Equalizer
logo
Qorvo, Inc
QPC7332 QORVO-QPC7332 Datasheet
849Kb / 13P
45MHz to 1218MHz Variable Cable Slope Equalizer
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPP3180 QORVO-RFPP3180 Datasheet
132Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1218MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0007 QORVO-RFXF0007 Datasheet
303Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
QPC7336 QORVO-QPC7336 Datasheet
1Mb / 13P
45MHz to 1218MHz Variable Equalizer
October 22, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com