Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC-C055 Datasheet (PDF) - Analog Devices

Part # HMC-C055
Description  22.5째 MMIC 4-BIT DIGITALPhase Shifter Module, 8 - 12 GHz
File Size   533.76 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC-C055 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC-C055

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
Voltage Variable Attenuator Module, DC to 20 GHz
Rev. E
More results


Similar Description - HMC-C055

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC543 HITTITE-HMC543 Datasheet
447Kb / 8P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
HMC643 HITTITE-HMC643 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC543 HITTITE-HMC543_09 Datasheet
272Kb / 6P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
HMC543LC4B HITTITE-HMC543LC4B Datasheet
314Kb / 6P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
HMC643 HITTITE-HMC643_09 Datasheet
229Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC931LP4E_1103 HITTITE-HMC931LP4E_1103 Datasheet
938Kb / 6P
410째 Analog Phase Shifter, 8 - 12 GHz
logo
Analog Devices
HMC543ALC4B AD-HMC543ALC4B Datasheet
726Kb / 7P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
8-12 GHz 6-Bit Digital Phase Shifter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com