Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST Datasheet (PDF) - Schurter Inc.

Part # AST
Description  LED Holder for 3 mm and 5 mm LED
File Size   360.92 Kbytes
Html View  1   2   3   4 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AST Datasheet (PDF) - Schurter Inc.



Similar Part No. - AST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
logo
PUI audio inc.
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
More results


Similar Description - AST

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TWR1-50P-A1 CREE-LC503TWR1-50P-A1 Datasheet
357Kb / 6P
5-mm Round LED
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
PBL SCHURTER-PBL Datasheet
190Kb / 2P
LED Holder angled with 3 mm LED
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
LFM SCHURTER-LFM Datasheet
252Kb / 2P
LED Reflector Holder round with 5 mm LED
ASL SCHURTER-ASL Datasheet
362Kb / 4P
LED Holder with 3 mm LED
LFM SCHURTER-LFM_V01 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
11.01.2021
LFM SCHURTER-LFM_V02 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
04.01.2022
ASL SCHURTER-ASL_V02 Datasheet
372Kb / 4P
LED Holder with 3 mm LED
04.01.2022
PBL SCHURTER-PBL_V02 Datasheet
236Kb / 2P
LED Holder angled with 3 mm LED
04.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com