Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST Datasheet(PDF) 1 Page - Schurter Inc.

Part # AST
Description  LED Holder for 3 mm and 5 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AST Datasheet(HTML) 1 Page - Schurter Inc.

  AST Datasheet HTML 1Page - Schurter Inc. AST Datasheet HTML 2Page - Schurter Inc. AST Datasheet HTML 3Page - Schurter Inc. AST Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Indicators
AST
https://www.schurter.com /PG10
Switches
LED Holder for 3 mm and 5 mm LED
See below:
Approvals and Compliances
Description
- PCB
- Up to 8 holders possible
- Arrangement in-line and in blocks
- For 3 mm or 5 mm LED's
Weblinks
pdf data sheet, html datasheet, CAD-Drawings, Detailed request for
product
Technical Data
Climatical Data
Operating Temperature
-25 to 85 °C
Storage Temperature
-55 to 100 °C
Soldering Data
Solderability
235 °C / 2 sec acc. to IEC 60068-2-
20 , Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-
20 , Test Tb, method 1A
Material
Socket
Thermoplastic
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - AST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
logo
PUI audio inc.
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
More results

Similar Description - AST

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TWR1-50P-A1 CREE-LC503TWR1-50P-A1 Datasheet
357Kb / 6P
5-mm Round LED
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
PBL SCHURTER-PBL Datasheet
190Kb / 2P
LED Holder angled with 3 mm LED
SRL SCHURTER-SRL Datasheet
309Kb / 3P
LED Holder straight or angled with 3 mm and 5 mm LED
LFM SCHURTER-LFM Datasheet
252Kb / 2P
LED Reflector Holder round with 5 mm LED
ASL SCHURTER-ASL Datasheet
362Kb / 4P
LED Holder with 3 mm LED
LFM SCHURTER-LFM_V01 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
11.01.2021
LFM SCHURTER-LFM_V02 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
04.01.2022
ASL SCHURTER-ASL_V02 Datasheet
372Kb / 4P
LED Holder with 3 mm LED
04.01.2022
PBL SCHURTER-PBL_V02 Datasheet
236Kb / 2P
LED Holder angled with 3 mm LED
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com