Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST Datasheet(PDF) 2 Page - Schurter Inc.

Part # AST
Description  LED Holder for 3 mm and 5 mm LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AST Datasheet(HTML) 2 Page - Schurter Inc.

  AST Datasheet HTML 1Page - Schurter Inc. AST Datasheet HTML 2Page - Schurter Inc. AST Datasheet HTML 3Page - Schurter Inc. AST Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Indicators
AST
https://www.schurter.com /PG10
Switches
Dimension [mm]
AST single 3 mm / AST row 3 mm
6.5
5
5.08
5.08
15.24
25.4
35.56
10.16
20.32
30.48
40.64
ø3.4
2.54
AST double 3 mm / AST double row 3 mm
6.5
5
5.08
5.08
15.24
10.16
20.32
ø3.4
2.54
AST row 5 mm
7.6
15.2
22.8
30.5
3.8
7.6
7.6
7.6
2
5.1
2.5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com