Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS010N10G Datasheet (PDF) - ON Semiconductor

Part # NTMFS010N10G
Description  MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
File Size   267.54 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS010N10G Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS010N10G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS011N15MC ONSEMI-NTMFS011N15MC Datasheet
257Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1
NTMFS015N10MCL ONSEMI-NTMFS015N10MCL Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
NTMFS015N10MCLT1G ONSEMI-NTMFS015N10MCLT1G Datasheet
172Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 54 A
April, 2020 ??Rev. 2
NTMFS015N15MC ONSEMI-NTMFS015N15MC Datasheet
231Kb / 8P
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1
More results


Similar Description - NTMFS010N10G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS006N08MC ONSEMI-NTMFS006N08MC Datasheet
205Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1
NTMFS011N15MC ONSEMI-NTMFS011N15MC Datasheet
257Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1
FDMS4D0N12C ONSEMI-FDMS4D0N12C Datasheet
376Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8
September, 2021 ??Rev. 3
NTMC083NP10M5L ONSEMI-NTMC083NP10M5L Datasheet
360Kb / 12P
MOSFET - Power, Dual N- & P-Channel, SO8 100 V, 83 m, 4.5 A, -100 V, 131 m, -3.6 A
May, 2021 ??Rev. 1
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
NTMFSC006N12MC ONSEMI-NTMFSC006N12MC Datasheet
287Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 120 V, 6.1 m, 92 A
December, 2021-Rev. 1
NTMFSC012N15MC ONSEMI-NTMFSC012N15MC Datasheet
280Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NVD5C454N ONSEMI-NVD5C454N Datasheet
233Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.2 m, 83 A
June, 2019-Rev. 0
NVMYS007N10MCL ONSEMI-NVMYS007N10MCL Datasheet
330Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 7 m, 83 A
May, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com