Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFSC006N12MC Datasheet (PDF) - ON Semiconductor

Part # NTMFSC006N12MC
Description  MOSFET - Power, Dualcool N-Channel, PQFN8 120 V, 6.1 m, 92 A
File Size   287.73 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFSC006N12MC Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFSC006N12MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFSC004N08MC ONSEMI-NTMFSC004N08MC Datasheet
407Kb / 7P
MOSFET - Power, Single N-Channel, DUAL COOL, DFN8 80 V, 4.0 m, 136 A
June, 2021-Rev. 3
More results


Similar Description - NTMFSC006N12MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8651 FAIRCHILD-FDMC8651 Datasheet
300Kb / 7P
N-Channel Power Trench짰 MOSFET 30 V, 20 A, 6.1 m廓
logo
Texas Instruments
CSD16407Q5C TI-CSD16407Q5C Datasheet
191Kb / 10P
DualCool??N-Channel NexFET??Power MOSFET
logo
ON Semiconductor
NTMFS006N08MC ONSEMI-NTMFS006N08MC Datasheet
205Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1
NTMFS011N15MC ONSEMI-NTMFS011N15MC Datasheet
257Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1
NTLJS4D9N03H ONSEMI-NTLJS4D9N03H Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3
NTMFS010N10G ONSEMI-NTMFS010N10G Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0
NTMFS7D8N10G ONSEMI-NTMFS7D8N10G Datasheet
266Kb / 8P
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0
NTMFSC012N15MC ONSEMI-NTMFSC012N15MC Datasheet
280Kb / 6P
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0
PCFA86210F ONSEMI-PCFA86210F Datasheet
240Kb / 7P
MOSFET ??Power, N-Channel 150 V, 6.1 m
June, 2021 ??Rev. 1
NVMYS6D2N06CL ONSEMI-NVMYS6D2N06CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
November, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com