Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD5C680NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C680NL
Description  MOSFET ??Power, Dual N-Channel 60 V, 28 m, 26 A
File Size   364.89 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C680NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C680NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C650NL ONSEMI-NVMFD5C650NL Datasheet
233Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
July, 2019 ??Rev. P3
NVMFD5C650NLT1G ONSEMI-NVMFD5C650NLT1G Datasheet
233Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
July, 2019 ??Rev. P3
NVMFD5C650NLWFT1G ONSEMI-NVMFD5C650NLWFT1G Datasheet
233Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
July, 2019 ??Rev. P3
NVMFD5C668NL ONSEMI-NVMFD5C668NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
NVMFD5C668NLT1G ONSEMI-NVMFD5C668NLT1G Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
More results


Similar Description - NVMFD5C680NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NTMFS020N06C ONSEMI-NTMFS020N06C Datasheet
185Kb / 7P
MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVMFS027N10MCL ONSEMI-NVMFS027N10MCL Datasheet
152Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 26 m, 28 A
September, 2021-Rev. 1
NVTFS027N10MCL ONSEMI-NVTFS027N10MCL Datasheet
226Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 26 m, 28 A
February, 2021 - Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVMJD012N06CL ONSEMI-NVMJD012N06CL Datasheet
258Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL Datasheet
256Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
August, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL_V01 Datasheet
255Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
September, 2022 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com