Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS027N10MCL Datasheet (PDF) - ON Semiconductor

NVMFS027N10MCL Datasheet PDF - ON Semiconductor
Part # NVMFS027N10MCL
Download  NVMFS027N10MCL Download
File Size   152.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 26 m, 28 A

NVMFS027N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS027N10MCL Datasheet PDF - ON Semiconductor

Part # NVMFS027N10MCL
Download  NVMFS027N10MCL Click to download

File Size   152.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 100 V, 26 m, 28 A

NVMFS027N10MCL Datasheet (HTML) - ON Semiconductor


NVMFS027N10MCL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• NVMFWS027N10MCL − Wettable Flank Products
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMFS027N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS020N06CT1G ONSEMI-NVMFS020N06CT1G Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFS021N10MCL ONSEMI-NVMFS021N10MCL Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS021N10MCLT1G ONSEMI-NVMFS021N10MCLT1G Datasheet
325Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 23 m, 31 A
December, 2021-Rev. 0
NVMFS024N06C ONSEMI-NVMFS024N06C Datasheet
143Kb / 6P
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1
More results


Similar Description - NVMFS027N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
NTB6413AN ONSEMI-NTB6413AN_12 Datasheet
123Kb / 7P
N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
logo
Fairchild Semiconductor
FDT86102LZ FAIRCHILD-FDT86102LZ Datasheet
257Kb / 6P
N-Channel PowerTrench짰 MOSFET 100 V, 6.6 A, 28 m廓
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NTMFS020N06C ONSEMI-NTMFS020N06C Datasheet
185Kb / 7P
MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTTFS5C478NL ONSEMI-NTTFS5C478NL Datasheet
207Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NVMFD5C680NL ONSEMI-NVMFD5C680NL Datasheet
364Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 28 m, 26 A
March, 2021-Rev. 2
NVTFS027N10MCL ONSEMI-NVTFS027N10MCL Datasheet
226Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 26 m, 28 A
February, 2021 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com