Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS4C308N Datasheet (PDF) - ON Semiconductor

Part # NVMFS4C308N
Description  MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
File Size   241.34 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C308N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFS4C308N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4C302N ONSEMI-NVMFS4C302N Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C302NT1G ONSEMI-NVMFS4C302NT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C302NWFT1G ONSEMI-NVMFS4C302NWFT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS4C306NT1G ONSEMI-NVMFS4C306NT1G Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
More results


Similar Description - NVMFS4C308N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV20XN PHILIPS-PMV20XN Datasheet
819Kb / 16P
30 V, 4.8 A N-channel Trench MOSFET
Rev. 1-5 April 2011
logo
ZP Semiconductor
PMV20XN ZPSEMI-PMV20XN Datasheet
447Kb / 4P
30 V, 4.8 A N-channel Trench MOSFET
logo
ON Semiconductor
NTTFS5C460NL ONSEMI-NTTFS5C460NL Datasheet
207Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 4.8 m, 74 A
June, 2019 ??Rev. 0
NTTFS6H888N ONSEMI-NTTFS6H888N Datasheet
208Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NVTFS6H888N ONSEMI-NVTFS6H888N Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NVMFS5C645N ONSEMI-NVMFS5C645N Datasheet
237Kb / 8P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 60 V, 4.6 m, 92 A
September, 2021-Rev. 1
NVTYS005N04CL ONSEMI-NVTYS005N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.8 m, 75 A
April, 2021 ??Rev. 1
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVTFS5C460NL ONSEMI-NVTFS5C460NL Datasheet
208Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 4.8 m, 74 A
December, 2019 - Rev. 2
logo
Nexperia B.V. All right...
PMV20XN NEXPERIA-PMV20XN Datasheet
933Kb / 17P
30 V, 4.8 A N-channel Trench MOSFET
Rev. 1 - 5 April 2011
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com