Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS010N04C Datasheet (PDF) - ON Semiconductor

Part # NVTYS010N04C
Description  MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
File Size   336.85 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS010N04C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVTYS010N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS010N04CL ONSEMI-NVTYS010N04CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A
April, 2021 ??Rev. 1
NVTYS010N04CLTWG ONSEMI-NVTYS010N04CLTWG Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 9.5 m, 43 A
April, 2021 ??Rev. 1
More results


Similar Description - NVTYS010N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMYS010N04CL ONSEMI-NTMYS010N04CL Datasheet
321Kb / 7P
Power MOSFET 40 V, 10.3 m, 38 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS011N04C ONSEMI-NTMYS011N04C Datasheet
322Kb / 7P
Power MOSFET 40 V, 12 m, 35 A, Single N?묬hannel
March, 2019-Rev. 0
NVMFS5C468N ONSEMI-NVMFS5C468N Datasheet
187Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 12 m, 35 A
July,2019 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVMYS011N04C ONSEMI-NVMYS011N04C Datasheet
341Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 12 m, 35 A
July, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com