Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS9D6P04M8L Datasheet (PDF) - ON Semiconductor

Part # NVTYS9D6P04M8L
Description  MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
File Size   337.57 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTYS9D6P04M8L Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVTYS9D6P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS002N03CL ONSEMI-NVTYS002N03CL Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS002N03CLTWG ONSEMI-NVTYS002N03CLTWG Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N03CLTWG ONSEMI-NVTYS003N03CLTWG Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N04C ONSEMI-NVTYS003N04C Datasheet
330Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 3.9 m, 99 A
April, 2021 - Rev. 0
More results


Similar Description - NVTYS9D6P04M8L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS5D3N04C ONSEMI-NTMYS5D3N04C Datasheet
355Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019-Rev. 1
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
NVTFS9D6P04M8L ONSEMI-NVTFS9D6P04M8L Datasheet
226Kb / 7P
MOSFET - Power, Single P-Channel -40 V, 9.5 m, -64 A
May, 2020 ??Rev. 4
NVMFS5C460N ONSEMI-NVMFS5C460N Datasheet
193Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
July, 2019 ??Rev. 1
NVMFS5C670N ONSEMI-NVMFS5C670N Datasheet
179Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 7.0 m, 71 A
December, 2019-Rev. 0
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS006N06CL ONSEMI-NVTYS006N06CL Datasheet
328Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A
May, 2021 ??Rev. 1
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVMYS5D3N04C ONSEMI-NVMYS5D3N04C Datasheet
356Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019 ??Rev. 1
NVMYS6D2N06CL ONSEMI-NVMYS6D2N06CL Datasheet
332Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
November, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com