Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D4N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMJS1D4N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
File Size   376.96 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D4N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJS1D4N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D0N04C ONSEMI-NVMJS1D0N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D0N04CTWG ONSEMI-NVMJS1D0N04CTWG Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D2N04CL ONSEMI-NVMJS1D2N04CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D2N04CLTWG ONSEMI-NVMJS1D2N04CLTWG Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMJS1D4N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
NTMFSS1D3N06CL ONSEMI-NTMFSS1D3N06CL Datasheet
351Kb / 7P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.3 m, 243 A
August, 2021-Rev. 0
NTMJS1D4N06CL ONSEMI-NTMJS1D4N06CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
November, 2019-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com