Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D7N04C Datasheet (PDF) - ON Semiconductor

Part # NVMJS1D7N04C
Description  MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
File Size   363.26 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D7N04C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJS1D7N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D7N06C ONSEMI-NVMJS1D7N06C Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
NVMJS1D7N06CTWG ONSEMI-NVMJS1D7N06CTWG Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
More results


Similar Description - NVMJS1D7N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTMTS1D6N10MC ONSEMI-NTMTS1D6N10MC Datasheet
331Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NVMYS1D6N04CL ONSEMI-NVMYS1D6N04CL Datasheet
235Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.6 m, 185 A
September, 2021 ??Rev.2
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVMYS2D2N06CL ONSEMI-NVMYS2D2N06CL Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com