Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMYS2D4N04C Datasheet (PDF) - ON Semiconductor

Part # NVMYS2D4N04C
Description  MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
File Size   279.76 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMYS2D4N04C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMYS2D4N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS2D1N04CL ONSEMI-NVMYS2D1N04CL Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.5 m, 132 A
June, 2019 ??Rev. 0
NVMYS2D1N04CLTWG ONSEMI-NVMYS2D1N04CLTWG Datasheet
336Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.5 m, 132 A
June, 2019 ??Rev. 0
NVMYS2D2N06CL ONSEMI-NVMYS2D2N06CL Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
NVMYS2D2N06CLTWG ONSEMI-NVMYS2D2N06CLTWG Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
NVMYS2D9N04CL ONSEMI-NVMYS2D9N04CL Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.8 m, 110 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMYS2D4N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVMFWS004N10MC ONSEMI-NVMFWS004N10MC Datasheet
211Kb / 7P
MOSFET – Power, Single N-Channel 100 V, 3.9 m, 138 A
February, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com