| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD5407N
|
72Kb / 6P |
Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0 |
|
NTD5865N
|
113Kb / 7P |
N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0 |
 Vishay Siliconix |
FA38SA50LCP
|
200Kb / 9P |
Power MOSFET, 38 A
11-May-10 |
 ON Semiconductor |
NTMFS4927NT1G
|
120Kb / 7P |
Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 8 |
 Vishay Siliconix |
VS-FA38SA50LCP
|
180Kb / 9P |
Power MOSFET, 38 A
08-Aug-13 |
 ON Semiconductor |
NTMYS010N04CL
|
321Kb / 7P |
Power MOSFET 40 V, 10.3 m, 38 A, Single N?묬hannel
March, 2019-Rev. 0 |
|
NVTYS010N04C
|
336Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0 |
|
NVMFS040N10MCL
|
118Kb / 5P |
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1 |
|
NVMYS010N04CL
|
339Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0 |
|
NVLJWD040N06CL
|
138Kb / 7P |
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1 |