Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4151 Datasheet (PDF) - Global Connector Technology

Part # USB4151
Description  USB3.2 Gen2 Type C Plug,Vertical, SMT
File Size   173.3 Kbytes
Html View  1   2   3 
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4151 Datasheet (PDF) - Global Connector Technology



Similar Part No. - USB4151

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4155-03-C GCT-USB4155-03-C Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
More results


Similar Description - USB4151

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
List of Unclassifed Man...
USB4160 ETC-USB4160 Datasheet
902Kb / 4P
USB32. Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28/06/22
logo
Global Connector Techno...
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
logo
VITALCONN ELECTRONICS H...
UC31E31LBC7 VITALCONN-UC31E31LBC7 Datasheet
159Kb / 1P
USB TYPE C PLUG VERTICAL
REV: A
logo
Global Connector Techno...
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com