Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4151 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4151
Description  USB3.2 Gen2 Type C Plug,Vertical, SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4151 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4151 Datasheet HTML 1Page - Global Connector Technology USB4151 Datasheet HTML 2Page - Global Connector Technology USB4151 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.83±0.025
A1
A12
B1
B12
2.40±0.03
5.60
1.85
7.62
3.50
A1
A12
B1
B12
8.02
7.62
0.50
24X0.28
2x 0.80
3.50
2x 1.40
2XØ0.75
1.80
5.50
Recommended PCB Layout
Thickness 0.8±0.10mm
Tolerance: ±0.05mm
Component Outline
Solder Area
Ordering Grid
Request Samples
and Quotation
USB4151
C
Packing Options
C = Tape & Reel with Cap
(400 per reel)
GF
Contact Plating
GF = Gold Flash
Pin
Signal
Mating
Sequence
A1
GND
First
A2
SSTXp1
Second
A3
SSTXn1
Second
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A10
SSRXn2
Second
A11
SSRXp2
Second
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B11
SSRXp1
Second
B10
SSRXn1
Second
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B3
SSTXn2
Second
B2
SSTXp2
Second
B1
GND
First
SHELL
GND
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: C7025,T=0.15mm
Shell: SUS304, T=0.15mm
Latch: SUS301, T=0.30mm
Spring: SUS304, T=0.10mm
Plating
Contact
Contact Area: Gold Flash over 50µ" min. Nickel
Solder Tails: 80µ" min. Matte Tin over 50µ" min. Nickel
Shell: 50µ" min. Nickel
Latch: 80µ" min. Tin
Spring: 50µ" min. Nickel
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -40°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB3.2 Gen2 Type C Plug,Vertical, SMT
CC
USB4151
B PCN
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4151
B1
14th January 2020
27/04/21
www.gct.co
0.10
Section B-B
B
B
8.66
A
A
8.25±0.03
B1
A12
B12
A1
Ø0.60±0.05
8.02
1.30
2x 0.90
2.65±0.10
Section A-A


Similar Part No. - USB4151

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4155-03-C GCT-USB4155-03-C Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
More results

Similar Description - USB4151

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
List of Unclassifed Man...
USB4160 ETC-USB4160 Datasheet
902Kb / 4P
USB32. Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28/06/22
logo
Global Connector Techno...
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
logo
VITALCONN ELECTRONICS H...
UC31E31LBC7 VITALCONN-UC31E31LBC7 Datasheet
159Kb / 1P
USB TYPE C PLUG VERTICAL
REV: A
logo
Global Connector Techno...
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com