Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMS-6A Datasheet (PDF) - NEC

Part # COMS-6A
Description  CMOS GATE ARRAYS
File Size   750.39 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

COMS-6A Datasheet (PDF) - NEC



Similar Part No. - COMS-6A

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
COM TGS-COM Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
Axiomtek Co., Ltd.
COM CABLE AXIOMTEK-COM CABLE Datasheet
623Kb / 3P
1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
Jul. 08, 2025.
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
More results


Similar Description - COMS-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
NEC
CMOS-6 NEC-CMOS-6 Datasheet
741Kb / 15P
1.0-MICRON CMOS GATE ARRAYS
logo
fujitsu semiconductor
MB674205 FUJITSU-MB674205 Datasheet
904Kb / 18P
AV CMOS SEREIS GATE ARRAYS
logo
NEC
UPD65000 NEC-UPD65000 Datasheet
658Kb / 11P
3-MICROON CMOS GATE ARRAYS
logo
fujitsu semiconductor
MB60XXXX FUJITSU-MB60XXXX Datasheet
1Mb / 30P
UHB SERIES 1.5U CMOS GATE ARRAYS
logo
NEC
UPD65011 NEC-UPD65011 Datasheet
515Kb / 12P
UPD65000 (CMOS-3) SERIES 2-MICRON CMOS GATE ARRAYS
UPD65045 NEC-UPD65045 Datasheet
743Kb / 15P
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS
UPB6100 NEC-UPB6100 Datasheet
782Kb / 10P
BIPOLAR TTL GATE ARRAYS
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
Honeywell Solid State E...
HX2000 HONEYWELL-HX2000 Datasheet
23Kb / 2P
RICMOS??SOI GATE ARRAYS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com