Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS010N06CL Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NVTYS010N06CL
Description  60 N-Channel Enhancement Mode Power MOSFET
File Size   1274.9 Kbytes
Html View  1   2   3   4   5 
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NVTYS010N06CL Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd



Similar Part No. - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS010N06CL ONSEMI-NVTYS010N06CL Datasheet
340Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A
May, 2021 - Rev. 1
NVTYS010N06CLTWG ONSEMI-NVTYS010N06CLTWG Datasheet
340Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A
May, 2021 - Rev. 1
More results


Similar Description - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shanghai Leiditech Elec...
DMN6013LFGQ LEIDITECH-DMN6013LFGQ Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
IAUZ40N06S5N050 LEIDITECH-IAUZ40N06S5N050 Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
SQS164ELNW LEIDITECH-SQS164ELNW Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
STL20N6F7 LEIDITECH-STL20N6F7 Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com