Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTYS010N06CL Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NVTYS010N06CL
Description  60 N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

NVTYS010N06CL Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  NVTYS010N06CL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd NVTYS010N06CL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd NVTYS010N06CL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd NVTYS010N06CL Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd NVTYS010N06CL Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The
uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with
gate voltages as low as 4.5V. This device is suitable for
use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =65A
RDS(ON) < 10mΩ @ VGS=10V (Type:7.5mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP65N06DF XXX YYYY
5000PCS
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
60
V
VGS
Gate source voltage
±20
V
ID@TA=25℃
Continuous drain current
20
A
ID@TA=70℃
Continuous drain current
11
A
IDM
Pulsed drain current
60
A
PD@TA=25℃
Power dissipation
60
W
EAS
Single pulsed avalanche energy
30
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
Tj
Operation and storage temperature
-55 to 150
℃
RθJC
Thermal resistance, junction-case
2.1
°C/W
RθJA
Thermal resistance, junction-ambient5)
85
°C/W
DFN3*3-8L
Enhancement Mode Power MOSFET
60 N-Channel
www.leiditech.com
Rev : 01.0 .2021
8
1/5
NVTYS010N06CL
NVTYS010N06CL
NVTYS010N06CL


Similar Part No. - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS010N06CL ONSEMI-NVTYS010N06CL Datasheet
340Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A
May, 2021 - Rev. 1
NVTYS010N06CLTWG ONSEMI-NVTYS010N06CLTWG Datasheet
340Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9.8 m, 51 A
May, 2021 - Rev. 1
More results

Similar Description - NVTYS010N06CL

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shanghai Leiditech Elec...
DMN6013LFGQ LEIDITECH-DMN6013LFGQ Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
IAUZ40N06S5N050 LEIDITECH-IAUZ40N06S5N050 Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
SQS164ELNW LEIDITECH-SQS164ELNW Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
STL20N6F7 LEIDITECH-STL20N6F7 Datasheet
1Mb / 5P
60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com