Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJST2D6N08H Datasheet (PDF) - ON Semiconductor

Part # NVMJST2D6N08H
Description  MOSFET – Power, Single N-Channel 80 V, 2.8 m, 131.5 A
File Size   316.93 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJST2D6N08H Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJST2D6N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJST0D9N04C ONSEMI-NVMJST0D9N04C Datasheet
312Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.07 m, 531 A
October, 2022 - Rev. 1
NVMJST0D9N04CTXG ONSEMI-NVMJST0D9N04CTXG Datasheet
312Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.07 m, 531 A
October, 2022 - Rev. 1
NVMJST1D2N04C ONSEMI-NVMJST1D2N04C Datasheet
327Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.25 m, 451 A
September, 2022 - Rev. 0
NVMJST1D2N04CTXG ONSEMI-NVMJST1D2N04CTXG Datasheet
327Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 1.25 m, 451 A
September, 2022 - Rev. 0
NVMJST1D4N06CL ONSEMI-NVMJST1D4N06CL Datasheet
316Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 1.49 m, 198 A NVMJST1D4N06CL
November, 2022 - Rev. 0
More results


Similar Description - NVMJST2D6N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS002N10MCL ONSEMI-NTMFS002N10MCL Datasheet
129Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMTS1D2N08H ONSEMI-NTMTS1D2N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1
NTMYS2D9N04CL ONSEMI-NTMYS2D9N04CL Datasheet
341Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.8 m, 110 A
June, 2019-Rev. 1
NVCR4LS2D8N08M7A ONSEMI-NVCR4LS2D8N08M7A Datasheet
149Kb / 6P
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0
NVMFS6H801N ONSEMI-NVMFS6H801N Datasheet
210Kb / 7P
MOSFET ??Power, Single, N-Channel 80 V, 2.8 m, 157 A
August, 2020 ??Rev. 3
NVMYS2D9N04CL ONSEMI-NVMYS2D9N04CL Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.8 m, 110 A
July, 2019 ??Rev. 1
NVMFWS002N10MCL ONSEMI-NVMFWS002N10MCL Datasheet
159Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 177 A
October, 2021 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com