Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3810HR Datasheet (PDF) - STMicroelectronics

Part # 2N3810HR
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
File Size   359.79 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3810HR Datasheet (PDF) - STMicroelectronics



Similar Part No. - 2N3810HR

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
30Kb / 1P
Chip Type 2C2605 Geometry 0220 Polarity NPN
2N3810 SEMICOA-2N3810 Datasheet
43Kb / 3P
Type 2N3810 Geometry 0220 Polarity PNP
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3810 CENTRAL-2N3810 Datasheet
52Kb / 1P
Dual Transistors
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
209Kb / 3P
Silicon PNP Transistor
More results


Similar Description - 2N3810HR

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com