Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23 Datasheet (PDF) - Vishay Siliconix

Part # 23
Description  Multidial 10 Turns 30.6 mm Diameter Projecting Design
File Size   82.9 Kbytes
Html View  1   2 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

23 Datasheet (PDF) - Vishay Siliconix



Similar Description - 23

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2640 BITECH-2640 Datasheet
48Kb / 2P
7/8 Diameter Analog Turns Counting Dial
2694 BITECH-2694 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533 VISHAY-533_10 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
26 VISHAY-26 Datasheet
112Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Recessed Design
07-Aug-12
533 VISHAY-533_V01 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com