Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH10-BK Datasheet (PDF) - Central Semiconductor Corp

Part # CMPTH10-BK
Description  NPN - RF Transistor Die 50mA, 25 Volt
File Size   642.82 Kbytes
Html View  1   2   3   4   5 
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10-BK Datasheet (PDF) - Central Semiconductor Corp



Similar Part No. - CMPTH10-BK

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTH10 CENTRAL-CMPTH10 Datasheet
77Kb / 2P
NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
More results


Similar Description - CMPTH10-BK

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
PNP - Silicon RF Transistor Die 50mA, 20 Volt
CP229-2N5109 CENTRAL-CP229-2N5109 Datasheet
585Kb / 8P
NPN - RF Transistor Die 0.4 Amp, 20 Volt
R0 5-May 2016
CP243-CM5943 CENTRAL-CP243-CM5943 Datasheet
665Kb / 9P
NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
CP317X-2N5179 CENTRAL-CP317X-2N5179 Datasheet
451Kb / 4P
NPN - RF Transistor Die 50mA, 12 Volt
R0 6-September 2017
CP317X-2N5770 CENTRAL-CP317X-2N5770 Datasheet
452Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP317X-2N918 CENTRAL-CP317X-2N918 Datasheet
456Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 6-September 2017
CP317X-BFY90 CENTRAL-CP317X-BFY90 Datasheet
420Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com