Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH10-BK Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTH10-BK
Description  NPN - RF Transistor Die 50mA, 25 Volt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10-BK Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTH10-BK Datasheet HTML 1Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 2Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 3Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 4Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CP302-MPSH10
NPN - RF Transistor Die
50mA, 25 Volt
Die Size
14.5 x 14.5 MILS
Die Thickness
9.0 MILS
Base Bonding Pad Size
2.3 x 2.3 MILS
Emitter Bonding Pad Size
2.5 x 2.3 MILS
Top Side Metalization
Al – 30,000Å
Back Side Metalization
Au – 18,000Å
Wafer Diameter
4 INCHES
Gross Die Per Wafer
53,730
The CP302-MPSH10 is a silicon NPN RF transistor designed for low noise UHF/VHF amplifier
and high output oscillator applications.
MECHANICAL SPECIFICATIONS:
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3.0
V
Continuous Collector Current
IC
50
mA
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=25V
100
nA
IEBO
VEB=2.0V
100
nA
BVCBO
IC=100µA
30
V
BVCEO
IC=1.0mA
25
V
BVEBO
IE=10µA
3.0
V
VCE(SAT)
IC=4.0mA, IB=0.4mA
0.50
V
VBE(ON)
VCE=10V, IB=4.0mA
0.95
V
hFE
VCE=10V, IC=4.0mA
60
fT
VCE=10V, IC=4.0mA, f=100MHz
650
MHz
Ccb
VCB=10V, IE=0, f=1.0MHz
0.70
pF
Crb
VCB=10V, IE=0, f=1.0MHz
0.35
0.65
pF
rb’Cc
VCB=10V, IC=4.0mA, f=31.8MHz
9.0
ps
BACKSIDE COLLECTOR
R2
E
B
R2 (9-November 2017)
www.centra lsemi.
com


Similar Part No. - CMPTH10-BK

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTH10 CENTRAL-CMPTH10 Datasheet
77Kb / 2P
NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_10 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
CMPTH10 CENTRAL-CMPTH10_15 Datasheet
328Kb / 2P
SURFACE MOUNT NPN SILICON RF TRANSISTOR
More results

Similar Description - CMPTH10-BK

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
PNP - Silicon RF Transistor Die 50mA, 20 Volt
CP229-2N5109 CENTRAL-CP229-2N5109 Datasheet
585Kb / 8P
NPN - RF Transistor Die 0.4 Amp, 20 Volt
R0 5-May 2016
CP243-CM5943 CENTRAL-CP243-CM5943 Datasheet
665Kb / 9P
NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
CP317X-2N2857 CENTRAL-CP317X-2N2857 Datasheet
420Kb / 4P
NPN - RF Transistor Die 40mA, 15 Volt
R0 8-May 2018
CP317X-2N5179 CENTRAL-CP317X-2N5179 Datasheet
451Kb / 4P
NPN - RF Transistor Die 50mA, 12 Volt
R0 6-September 2017
CP317X-2N5770 CENTRAL-CP317X-2N5770 Datasheet
452Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP317X-2N918 CENTRAL-CP317X-2N918 Datasheet
456Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 6-September 2017
CP317X-BFY90 CENTRAL-CP317X-BFY90 Datasheet
420Kb / 4P
NPN - RF Transistor Die 50mA, 15 Volt
R0 9-August 2017
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CP617-CM4957 CENTRAL-CP617-CM4957 Datasheet
544Kb / 8P
PNP - RF Transistor Die 30mA, 25 Volt
R1 21-March 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com