Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTH10-BK Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # CMPTH10-BK
Description  NPN - RF Transistor Die 50mA, 25 Volt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTH10-BK Datasheet(HTML) 3 Page - Central Semiconductor Corp

  CMPTH10-BK Datasheet HTML 1Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 2Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 3Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 4Page - Central Semiconductor Corp CMPTH10-BK Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BARE DIE PACKING OPTIONS
UNSAWN WAFER
WN: Full wafer, unsawn, 100% tested with reject die inked.
(example: CP211-PART NUMBER-WN)
SAWN WAFER ON PLASTIC RING
WR: Full wafer, sawn and mounted on plastic ring,
100% tested with reject die inked.
(example: CP211-PART NUMBER-WR)
Please note: Sawn Wafer on Metal Frame (WS)
is possible as a special order. Please contact your
Central Sales Representative at 631-435-1110.
Visit the Central website for a complete listing of specifications:
www.centralsemi.com/bdspecs
BARE DIE IN TRAY (WAFFLE) PACK
CT: Singulated die in tray (waffle) pack.
(example: CP211-PART NUMBER-CT)
CM: Singulated die in tray (waffle) pack 100% visually inspected as
per MIL-STD-750, (method 2072 transistors, method 2073 diodes).
(example: CP211-PART NUMBER-CM)
R2 (3-April 2017)
www.centra lsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com