Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813001I Datasheet (PDF) - Renesas Technology Corp

Part # 813001I
Description  Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
File Size   464.39 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

813001I Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - 813001I

ManufacturerPart #DatasheetDescription
logo
Littelfuse
81300000005 LITTELFUSE-81300000005 Datasheet
913Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
12/19/19
More results


Similar Description - 813001I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
REV. A SEPTEMBER 2, 2005
logo
Integrated Device Techn...
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
843001I-22 RENESAS-843001I-22 Datasheet
577Kb / 22P
FemtoClock™ Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Frequency Synthesizer
11/16/15
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
ICS843001CI RENESAS-ICS843001CI Datasheet
506Kb / 17P
FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com