Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQEXO-3 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # IQEXO-3
Description  Crystal oscillator module,16MHz DIL8
File Size   31.54 Kbytes
Html View  1   2 
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IQEXO-3 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - IQEXO-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE004NE1LM7 INFINEON-IQE004NE1LM7 Datasheet
1,020Kb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CG INFINEON-IQE004NE1LM7CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7CGSC INFINEON-IQE004NE1LM7CGSC Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE004NE1LM7SC INFINEON-IQE004NE1LM7SC Datasheet
1Mb / 11P
MOSFET OptiMOSTM 7 Power-Transistor, 15 V
Rev. 2.0, 2023-07-25
IQE006NE2LM5 INFINEON-IQE006NE2LM5 Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
More results


Similar Description - IQEXO-3

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
SMD 3.2x2.5 16MHz Crystal Oscillator
logo
Advanced XTAL Products
AXE135M AXTAL-AXE135M Datasheet
140Kb / 3P
Crystal Oscillator (SPXO) in DIL8 package
logo
STMicroelectronics
STM8SPLNB1 STMICROELECTRONICS-STM8SPLNB1 Datasheet
743Kb / 44P
Internal 16MHz oscillator
18-Dec-2014
logo
TAI-SAW TECHNOLOGY CO.,...
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
TZ1392A TAI-SAW-TZ1392A Datasheet
211Kb / 3P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2012B TAI-SAW-TZ2012B Datasheet
417Kb / 8P
Crystal Unit SMD 3.2x2.5 16MHz
REV. NO.: 1
TZ2167A TAI-SAW-TZ2167A Datasheet
69Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2199A TAI-SAW-TZ2199A Datasheet
418Kb / 5P
HC49SMD 16MHz Crystal Unit
REV. NO.: 1.0
TZ2488A TAI-SAW-TZ2488A Datasheet
438Kb / 6P
HC49SMD 16MHz Crystal Unit
REV. NO.: 1.0
TZ2550A TAI-SAW-TZ2550A Datasheet
100Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com