Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet (PDF) - STMicroelectronics

STM8SPLNB1 Datasheet PDF - STMicroelectronics
Part # STM8SPLNB1
Download  STM8SPLNB1 Download
File Size   743.54 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal 16MHz oscillator

STM8SPLNB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8SPLNB1 Datasheet PDF - STMicroelectronics

Part # STM8SPLNB1
Download  STM8SPLNB1 Click to download

File Size   743.54 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal 16MHz oscillator

STM8SPLNB1 Datasheet (HTML) - STMicroelectronics


STM8SPLNB1 Product details

Description
The STM8SPLNB1 is an 8-bit microcontroller dedicated to DiSEqC slave operation in SaTCR based LNBs (Low Noise Block) and switchers. It is a complete hardware and firmware solution for system designers who require an implementation overview of the LNB device control according to DiSEqC standard (Digital Satellite Equipment Control). TSSOP20 UFQFPN20 SO20W 300 mils 4.40 mm body 3 x 3 mm




Similar Part No. - STM8SPLNB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S STMICROELECTRONICS-STM8S Datasheet
9Mb / 467P
STM8S Series and STM8AF Series 8-bit microcontrollers
04-Oct-2017
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
STM8S access Discovery
05-Nov-2010
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8S001J3M3 STMICROELECTRONICS-STM8S001J3M3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
More results


Similar Description - STM8SPLNB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQEXO-3 ETC1-IQEXO-3 Datasheet
31Kb / 2P
Crystal oscillator module,16MHz DIL8
logo
SIPAT Co,Ltd
LBN70A28 SIPAT-LBN70A28 Datasheet
273Kb / 3P
70MHz SAW Filter 16MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
SMD 3.2x2.5 16MHz Crystal Oscillator
TX0246A TAI-SAW-TX0246A Datasheet
313Kb / 6P
SMD 7.0x5.0 16MHz TCXO
logo
SIPAT Co,Ltd
LBT19101 SIPAT-LBT19101 Datasheet
149Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
TAI-SAW TECHNOLOGY CO.,...
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
TZ1392A TAI-SAW-TZ1392A Datasheet
211Kb / 3P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2167A TAI-SAW-TZ2167A Datasheet
69Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2550A TAI-SAW-TZ2550A Datasheet
100Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com