Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
STM8SPLNB1 operation
STM8SPLNB1
10/44
DocID018831 Rev 5
Another option is to decrease number of I2C channels and use the remaining pins for legacy
matrix LNB control - e.g. to have 2 I2C channels (4 pins) and 4 legacy matrix output pins -
see Table 16: Application types.
Operation mode and device behavior depends from final hardware configuration. This
behavior is selected through configuration parameters - see Table 14: STM8SPLNB1
EEPROM parameters.
Note:
Advantage of using incremental order mode is in applications with up to 4 SaTCRs - which
is common in practice. Then each SaTCR owns one I2C bus. I2C communication with
another SaTCRs is running on different I2C bus - so it does not disturb HF signal on given
SaTCR (SaTCR is sensitive to I2C bus signal transients).
Advantage of using ST7LNB1 compatible mode is in applications where is used SaTCRs
control together with legacy matrix outputs (MAT1-MAT4) - see Section 1.1.1: Pins
description. In this case there remains free only 2 I2C buses for SaTCRs control (MAT1-
MAT4 pins occupy I2C3 and I2C4 bus). In ST7LNB1 compatible mode 2 I2C buses can
address up to 4 SaTCRs - 2 SaTCRs per I2C bus. Disadvantage is the I2C bus disturbance
to SaTCR which is not addressed - shared I2C bus (HF filters on I2C buses is
recommended).
2.1
Supported DiSEqC commands
In the following Table 4: STM8SPLNB1 DiSEqC™ supported commands are listed DiSEqC
commands supported by STM8SPLNB1. For more details about commands, refer to the
DiSEqC™ slave microcontroller specifications at www.eutelsat.com.
1. Selection of incremental order mode: pin MODE (see Table 1: STM8SPLNB1 pins description) is left open
or I2C addressing mode EEPROM parameter (see Table 14: STM8SPLNB1 EEPROM parameters) is set
to 1.
Table 4. STM8SPLNB1 DiSEqC™ supported commands
command
number
command
name
function
0x00
RESET
Reset DiSEqC™ microcontroller
0x0D
config read
Read configuration parameters from EEPROM
0x0F
config write
Write configuration parameters to EEPROM
0x38
write to port
DiSEqC 1.0: Write to port group command - Legacy commands
0x5A
operation
command
DiSEqC-ST normal operation commands:
ODU_Changechannel or ODU_SatCROFF
0x5B
installation
command
DiSEqC-ST installation commands:
ODU_Config, ODU_EEPvar.LOFREQ or ODU_SatCRxON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com