Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
DocID018831 Rev 5
17/44
STM8SPLNB1
Configuration parameters
43
3. When an application supports the wide RF band only one local oscillator with a frequency FLO is present
in the LNB. In this case the selection of the high or the low band for the legacy output is performed by a
dedicated SaTCR.
Two parameters are needed for the band selection:
- The tuning word for the low band selection = [(FLO (MHz) - FLow (MHz))/4] - 350: where FLow
corresponds to the Low LO frequency.
- The tuning word for the high band selection = [(FLO (MHz) - FHigh (MHz))/4] - 350: where FHigh
corresponds to the High band LO frequency.
Example: in a wide band application with FLO= 13250 MHz, for emulating a low band local oscillator at
9750 MHz, index 0x0D and index 0x0E must be loaded with the decimal value dec [0D:0E] = round
((13250-9750)/4) - 350 = 525.
4. Matrix truth table for SaTCRx or legacy:
1) If 4 RF inputs are implemented then the matrix truth table has coding on 2 bytes: “aaaabbbbccccdddd”
where:
aaaa = selection of Feed1 on SaTCRx, aaaa = [MAT4, MAT3, MAT2, MAT1]
bbbb = selection of Feed0 on SaTCRx, bbbb = [MAT4, MAT3, MAT2, MAT1]
cccc = selection of Feed3 on SaTCRx, cccc = [MAT4, MAT3, MAT2, MAT1]
dddd = selection of Feed2 on SaTCRx,dddd = [MAT4, MAT3, MAT2, MAT1]
2) If 8 RF inputs are implemented then the truth table given in Table 15: Truth table for support of 8 RF
inputs is used.
5. To enable the support of 8 RF inputs: the value ‘0x0000’ has to be programmed in index 15h and 16h.
SaTCRs gain value: it has the following format on two bytes: “AaBbCcDd EeFfGgHh” where Aa= gain for
SaTCR1, Bb = gain for SaTCR2, Cc= gain for SaTCR3, Dd=gain for SaTCR4, Ee= gain for SaTCR5, Ff=
gain for SaTCR6, Gg= gain for SaTCR7, Hh=gain for SaTCR8 or legacy SaTCR. Upper case letters and
upper case letters indicate LNA and IF gain, respectively.
6. SaTCRs number does not include the legacy SaTCR for the wide RF band applications.
7. Defines assignment of SaTCR to I2C bus. 1 = incremental order mode, 0 = ST7LNB1 compatible mode or
incremental order mode in dependency from MODE pin (see Table 1: STM8SPLNB1 pins description)
state. See notes under Table 2: SaTCRs implementation - ST7LNB1 compatible mode and Table 3:
SaTCRs implementation - incremental order mode for details in assignment.
8. Reserved bytes: do not write to this location.
Table 15. Truth table for support of 8 RF inputs
Feed
MAT1
MAT2
MAT3
MAT4
0
000
0
1
100
0
2
010
0
3
110
0
4
001
0
5
101
0
6
011
0
7
111
0
Table 16. Application types
number
application type
description
0
SaTCR control(1) (see Figure 6:
SaTCR control configuration)
– Control through I2C of up to 8 SaTCRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com