Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Configuration parameters
STM8SPLNB1
18/44
DocID018831 Rev 5
Figure 6. SaTCR control configuration
Figure 7. SaTCR control and legacy configuration (standard RF band)
1
SaTCR and legacy (standard RF band)
(see Figure 7: SaTCR control and
legacy configuration (standard RF
band))
– Control through I2C up to 4 SaTCRs
– Control of a legacy matrix using up to 4 pins
2
SaTCR and legacy (wide RF band)
(see Figure 8: SaTCR control and
legacy configuration (wide RF band))
– Control though I2C of up to 6 SaTCRs + legacy
– Control of a dedicated SaTCR for the legacy
support
1. This application could support up to 8 RF feeds. (applications 1 and 2 are limited to 4 RF feeds).
Table 16. Application types (continued)
number
application type
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com