Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 4Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Device description
STM8SPLNB1
8/44
DocID018831 Rev 5
1
18
DTX
DiSEqC transmit data
output
22 kHz modulation signal - need
coupling to HF signal
20
17
SCL1
I2C clock output
I2C master channel 1 clock output
19
16
SDA1
I2C data input/output
I2C master channel 1 data input/output
12
9
SCL2
I2C clock output
I2C master channel 2 clock output
11
8
SDA2
I2C data input/output
I2C master channel 2 data input/output
17
14
SCL3
I2C clock output
I2C master channel 3 clock output
16
13
SDA3
I2C data input/output
I2C master channel 3 data input/output
15
12
SCL4
I2C clock output
I2C master channel 4 clock output
14
11
SDA4
I2C data input/output
I2C master channel 4 data input/output
5
2
MODE
I2C addressing mode
select
Selection of I2C addressing mode -
see note (2) under
Table 2: SaTCRs
implementation - ST7LNB1
compatible mode (pin has internal
pull-up)
Table 1. STM8SPLNB1 pins description (continued)
pin no.
TSSOP20
/SO20W
pin no.
UFQFPN20
pin
name
description
note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com